Part Number Hot Search : 
ER802D 35125 KPY44R 00100 SKY77765 7GZITE1 MAX8704 MD3251
Product Description
Full Text Search
 

To Download IRLRU3103PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irlr/u3103pbf hexfet ? power mosfet s d g v dss = 30v r ds(on) = 0.019 ? i d = 55a  description  parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 55  i d @ t c = 100c continuous drain current, v gs @ 10v 39  a i dm pulsed drain current  220 p d @t c = 25c power dissipation 107 w linear derating factor 0.71 w/c v gs gate-to-source voltage 16 v e as single pulse avalanche energy  240 mj i ar avalanche current  34 a e ar repetitive avalanche energy  11 mj dv/dt peak diode recovery dv/dt  5.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c absolute maximum ratings parameter typ. max. units r jc junction-to-case ??? 1.4 r ja junction-to-ambient (pcb mount) ** ??? 50 c/w r ja junction-to-ambient ??? 110 thermal resistance d-pak to-252aa i-pak to-251aa  logic-level gate drive  ultra low on-resistance  surface mount (irlr3103)  straight lead (irlu3103)  advanced process technology  fast switching  fully avalanche rated  lead-free fifth generation hexfets from international rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. the d-pak is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. the straight lead version (irfu series) is for through- hole mounting applications. power dissipation levels up to 1.5 watts are possible in typical surface mount applications. pd - 95085a www.irf.com 1
irlr/u3103pbf 2 www.irf.com parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 30 ??? ??? v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.037 ??? v/c reference to 25c, i d = 1ma ??? ??? 0.019 v gs = 10v, i d = 33a  ??? ??? 0.024 v gs = 4.5v, i d = 25a  v gs(th) gate threshold voltage 1.0 ??? ??? v v ds = v gs , i d = 250a g fs forward transconductance 23 ??? ??? s v ds = 25v, i d = 34a  ??? ??? 25 a v ds = 30v, v gs = 0v ??? ??? 250 v ds = 18v, v gs = 0v, t j = 150c gate-to-source forward leakage ??? ??? 100 na v gs = 16v gate-to-source reverse leakage ??? ??? -100 v gs = -16v q g total gate charge ??? ??? 50 i d = 34a q gs gate-to-source charge ??? ??? 14 nc v ds = 24v q gd gate-to-drain ("miller") charge ??? ??? 28 v gs = 4.5v, see fig. 6 and 13  t d(on) turn-on delay time ??? 9.0 ??? v dd = 15v t r rise time ??? 210 ??? ns i d = 34a t d(off) turn-off delay time ??? 20 ??? r g = 3.4 ?, v gs = 4.5v t f fall time ??? 54 ??? r d = 0.43 ?, see fig. 10   between lead, 6mm (0.25in.) from package and center of die contact  c iss input capacitance ??? 1600 ??? v gs = 0v c oss output capacitance ??? 640 ??? pf v ds = 25v c rss reverse transfer capacitance ??? 320 ??? ? = 1.0mhz, see fig. 5  electrical characteristics @ t j = 25c (unless otherwise specified) nh i gss s d g l s internal source inductance ??? 7.5 ??? r ds(on) static drain-to-source on-resistance l d internal drain inductance ???  4.5  ??? i dss drain-to-source leakage current s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode)  ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? 1.3 v t j = 25c, i s = 28a, v gs = 0v  t rr reverse recovery time ??? 81 120 ns t j = 25c, i f = 34a q rr reverse recoverycharge ??? 210 310 nc di/dt = 100a/s  t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) source-drain ratings and characteristics  55  220 notes:  v dd = 15v, starting t j = 25c, l = 300h r g = 25 ? , i as = 34a. (see figure 12)   repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 )  ** when mounted on 1" square pcb (fr-4 or g-10 material ) . for recommended footprint and soldering techniques refer to application note #an-994  i sd  34a, di/dt  140a/s, v dd   v (br)dss ,  t j  175c  this is applied for i-pak, l s of d-pak is measured between lead and center of die contact  uses irl3103 data and test conditions  pulse width  300s; duty cycle  2%   calculated continuous current based on maximum allowable junction temperature; package limitation current = 20a ?
irlr/u3103pbf www.irf.com 3 fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature fig 1. typical output characteristics fig 2. typical output characteristics 1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds a 20s pulse width t = 25c j vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v 1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds a 20s pulse width t = 175c vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v j 1 10 100 1000 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 t = 25c j gs v , gate-to-source voltage (v) d i , drain-to-source current (a) t = 175c j a v = 15v 20s pulse width ds 0.0 0.5 1.0 1.5 2.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) v = 10v gs a i = 56a d
irlr/u3103pbf 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 400 800 1200 1600 2000 2400 2800 3200 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 3 6 9 12 15 0 10203040506070 q , total gate charge (nc) g v , gate-to-source voltage (v) gs a for test circuit see figure 13 v = 24v v = 15v i = 34a ds ds d 10 100 1000 0.4 0.8 1.2 1.6 2.0 2.4 2.8 t = 25c j v = 0v gs v , source-to-drain voltage (v) i , reverse drain current (a) sd sd a t = 175c j 1 10 100 1000 1 10 100 v , drain-to-source voltage (v) ds i , drain current (a) operation in this area limited by r d ds(on) 10s 100s 1ms 10ms a t = 25c t = 175c single pulse c j
irlr/u3103pbf www.irf.com 5 fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms  
 1     0.1 %
 
    + -  fig 11. maximum effective transient thermal impedance, junction-to-case 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 175 0 10 20 30 40 50 60 t , case temperature ( c) i , drain current (a) c d limited by package
irlr/u3103pbf 6 www.irf.com q g q gs q gd v g charge  fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 10v 0 100 200 300 400 500 600 25 50 75 100 125 150 175 j e , single pulse avalanche energy (mj) as a starting t , junction temperature (c) v = 15v i top 14a 24a bottom 34a dd d
irlr/u3103pbf www.irf.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfets * v gs = 5v for logic level devices peak diode recovery dv/dt test circuit    r g v dd ? dv/dt controlled by r g ? driver same type as d.u.t. ? i sd controlled by duty factor "d" ? d.u.t. - device under test d.u.t circuit layout considerations ?  low stray inductance  ? ground plane  ? low leakage inductance current transformer  
irlr/u3103pbf 8 www.irf.com  

  

  
   
  12 in the assembly line "a" ass embled on ww 16, 1999 example: with assembly t his is an irf r120 lot code 1234 year 9 = 1999 dat e code we e k 16 part number logo int ernat ional rectifier assembly lot code 916a irf u120 34 year 9 = 1999 dat e code or p = de s i gn at e s l e ad- f r e e product (optional) note: "p" in as sembly line pos ition i ndicates "l ead- f r ee" 12 34 we e k 16 a = assembly site code part number irfu120 line a logo lot code assembly international rectifier
irlr/u3103pbf www.irf.com 9  
   
   
   
  assembly example: with assembly this is an irfu120 year 9 = 1999 dat e code line a week 19 in the assembly line "a" as s embled on ww 19, 1999 lot code 5678 part number 56 irf u120 international logo rectifier lot code 919a 78 note: "p" in assembly line position indicates "lead-free"  56 78 assembly lot code rect ifier logo int ernat ional irfu120 part number week 19 dat e code year 9 = 1999 a = assembly site code p = designates lead-free product (optional)
irlr/u3103pbf 10 www.irf.com data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 12/04  

  
   
  tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl notes : 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters ( inches ). 3. outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRLRU3103PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X